Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 amp schottky rectifier 20 to 100 volts operating temperature: -5 5 c to +12 5 c storage temperature: -5 5 c to +15 0 c maximum thermal resistance; 35 c/w junction to lead catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ss12 ss12 20v 14v 20v ss13 ss13 30v 21v 30v ss14 ss14 40v 28v 40v ss15 ss15 50v 35v 50v ss16 ss16 60v 42v 60v ss18 ss18 80v 56v 80v SS110 SS110 100v 70v 100v average forward current i f(av) 1.0a t j = 100 c peak forward surge current i fsm 30 a 8.3ms, half sine maximum instantaneous forward voltage s s 12 s s 13 s s 14 s s 15-16 s s 18-1 1 0 v f .45v .55v .60v .7 0 v .8 5 v i fm = 1.0a; t j = 25 c* typical junction capacitance s s 12 s s 13-s s 1 1 0 c j 230pf 50pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 m sec, duty cycle 2% maximum dc reverse current at rated dc blocking voltage i r 0.5 ma 20ma t a = 25 c t a = 100 c a b h d c e cat hode b and do-214ac zimcc f g dimensions inches mm dim min max min max note a 0.177 3.99 4. 50 b 0.100 0.110 2.54 2.80 c 0.078 0.096 1.98 2.42 d 0.222 5.56 e f 0.008 0.203 g 0.006 0.012 0.152 0.305 0.157 0.194 4.93 h 0.055 0.071 1.40 1.80 0.030 0.060 0.76 1.52 schottky barrier rectifier guard ring protection low forward voltage reverse energy tested high current capability extremely low thermal resistance ss12 thru SS110 1 date:2011/05 www.htsemi.com semiconductor jinyu features maximum ratings electrical characteristics @ 25 c unless otherwise specified
instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts ss13,ss14 ss15-ss16 average forward rectified current - amperes versus ambient temperature - c figure 2 0 17550 75 100 125 0 .2 .4 .6 amps c 150 .8 1.0 1.2 1 100 4 0 10 5 20 30 8 figure 3 amps 2 6 10 20 60 80 40 40 50 60 ss12 peak forward surge current - amperes versus number of cycles at 60hz - cycles cycles single phase, half wave 60hz resistive or inductive load peak forward surge current forward derating curve ss12 thru SS110 2 date:2011/05 www.htsemi.com semiconductor jinyu


▲Up To Search▲   

 
Price & Availability of SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X